|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ECONOLINE - DC/DC-Converter REZ Series, 2 Watt, SIP7 (Single Output) Features Cost Effective 1kVDC & 2kVDC Isolation No Extern. Components Required Custom Solutions Available UL94V-0 Package Material Efficiency to 80% Selection Guide Part Number SIP7 2kV Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 24 Output Current (mA) 606 400 222 168 132 83 Efficiency (%) 70 75 75 78 80 80 REZ-XX3.3S (H) REZ-XX05S REZ-XX09S REZ-XX12S REZ-XX15S REZ-XX24S (H) (H) (H) (H) (H) Specifications (Core Operating Area) and Operating Temperature / Derating-Graph Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight 3.3V output type 5V output type 9V, 12V, 15V, 24V output types 10% Capacitor Type 5% 1,2%/1% V Input 20% max. 15% max. 10% max. 150mVp-p max. 70% min. 1.000VDC min. (also available with 2.000VDC, Suffix H") 10 G min. 40pF min./115pF max. 1 Second 35kHz min. / 85kHz max. -40C to +85C (see Graph) -55C to +125C 2.7g Output Power (Watts) 4.0 3.0 2.0 Safe Operating Area 1.0 0 -40 0 50 100 125 150 85 Operating Temperature C www.recom-international.com August 2002 EC 55 ECONOLINE - DC/DC-Converter REZ Series, 2 Watt, SIP7 (Single Output) Package Style and Pinning (mm) 7 PIN SIP Package 3rd angle projection 19.65 7.05 Top View 10.20 REZ-0512S RECOM **** 0.51 typ. REZ-0512S RECOM **** 12 4 6 4.10 2.54 x 5 Bottom View Pin Connections 1.27 typ. 0.25 12 4 6 Pin # 1 2 4 6 Single +Vin -Vin -Vout +Vout 2.0 Recommended Footprint Details 1.00 o+0.15/-0 2.54 2.54 XX.X 0.5 mm XX.XX 0.25 mm EC 56 August 2002 www.recom-international.com |
Price & Availability of REZ-1233S |